Part Number Hot Search : 
M8002 K3090 AD679JD M7610 CLS4B7 BD673 SMBG70 SA120
Product Description
Full Text Search
 

To Download 2SC4585 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  

 

 
   

  
 
 


 

!"#$%     !"#$%$ & '% (  
                            !      "  #  # "$ % #    &  #  # &$ ' # &   "  #  # &"$ (#    )        * +  * % "   )  " ,  "   * +  "* '      )     *   - %  ' . )   / #      0     % +#
  1 $ 2  1 3 4567 4' 56  &   /     2 -%  7              &     #  # &$ 27   - 4%
 ' #   88   "$    # 
4   &$
4 &  88   &"$    # 
4  )  9  / :& # & - #0   - 
 ' / :&; # & - #0   - 
 (    &      #  # & 2 7   - 
4 # "   &      #  # "& 2 7  " - 
4 # /       !     
4,(  <.     :1  8  # & - #0   -  =* '
>?        - 
4       " - 0  "% - %
@4   :    8  ; -   0 # ""% - ,#
4@
1 10 100 2SC4585 0.001 0.01 0.1 1 10 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 v ce = 5v 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 tc = 150 c 100 c 50 c 25 c 0 c - 25 c - 55 c h fe - i c 20 collector current i c [a] dc current gain h fe
0 0.5 1 1.5 2 2.5 3 2SC4585 0.01 0.1 1 0 0.5 1 1.5 2 2.5 3 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 i c = 1.25a 2.5a 5a 10a 20a tc = 25 c saturation voltage i c = 1.25a 2.5a 5a 10a 20a 8 base current i b [a] collector-emitter voltage v ce [v] base-emitter voltage v be [v]
0.01 0.1 1 10 0 2 4 6 8 10 2SC4585 i b1 = 0.2i c i b2 = 0.4i c v bb2 = 4v v cc = 250v tc = 25 c t s t on t f switching time - i c collector current i c [a] switching time t sw [ m s]
0.01 0.1 1 10 0 50 100 150 200 250 300 2SC4585 i c = 5a i b1 = 1a i b2 = 2a v bb2 = 4v tc = 25 c t s t on t f switching time - v cc collector voltage v cc [v] switching time t sw [ m s]
0.01 0.1 1 10 0 50 100 150 2SC4585 i c = 5a i b1 = 1a i b2 = 2a v bb2 = 4v r l = 50 w t s t on t f switching time - tc case temperature tc [ c] switching time t sw [ m s]
transient thermal impedance 0.001 0.01 0.1 1 10 2SC4585 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 0.05 0.5 0.2 20 50 5 2 200 500 2000 5000 0.02 0.05 0.5 0.2 20 5 2 0.005 0.002 time t [s] transient thermal impedance q jc(t) [ c/w]
forward bias soa 0.01 0.1 1 10 1 10 100 2SC4585 50 m s tc = 25 c single pulse 150 m s 1ms 10ms dc 20 800 collector-emitter voltage v ce [v] collector current i c [a] p t limit i s/b limit
0 20 40 60 80 100 0 50 100 150 2SC4585 collector current derating collector current derating [%] v ce = fixed p t limit i s/b limit case temperature tc [ c]
0 5 10 15 20 0 200 400 600 800 1000 1200 2SC4585 i b1 = 0.25i c i b2 = 1.5a v bb2 = 5v tc < 150 c reverse bias soa collector-emitter voltage v ce [v] collector current i c [a]


▲Up To Search▲   

 
Price & Availability of 2SC4585

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X